PART |
Description |
Maker |
MC642.REV3 MC623DR2 |
3.0 V, Dual Trip Point Temperature Sensor 3.0 V的双跳变点温度传感器 3.0 V, Dual Trip Point Temperature Sensor
|
ONSEMI[ON Semiconductor]
|
6229A-30/BXAJC 6229A-35/BXAJC 6229A-45/BXAJC 6229A |
x4 SRAM Dual Trip SOT Temperature Switches Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 x4的SRAM
|
NXP Semiconductors N.V.
|
TC623CEOA TC623CEPA TC623 TC623CVOA TC623CCOA TC62 |
3V, DUAL TRIP POINT TEMPERATURE SENSOR
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor, Inc]
|
ADT6503 |
(ADT6501 - ADT6504) trip point temperature switches available
|
Analog Devices
|
NCT65 |
Remote Trip Point Temperature Sensor with Overtemperature Shutdown
|
ON Semiconductor
|
TC623HEPA TC623HCOA TC623HVOA |
3V, dual trip point temperature sensor. Voltage operation 2.7V to 4.5V
|
TelCom Semiconductor
|
MAX6501CMP MAX6504 MAX6501CMP010 MAX6501UKP085-T M |
Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 95. Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage push-pull. Standard temperature threshold(C) 75. Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 75. Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Fixed Negative Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel Low-Cost / 2.7V to 5.5V / Micropower Temperature Switches in SOT23 and TO-220 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-91 Fixed Negative Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:16-26 TV 2C 2#16 SKT PLUG 4A Bridge Rectifier Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:16-23 Fixed Negative Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V.5V,功耗温度开关,SOT23封装和TO - 220 Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V.5V,功耗温度开关,SOT23封装TO - 220 Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V5.5V,功耗温度开关,SOT23封装和TO - 220 Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 SPECIALTY ANALOG CIRCUIT, PSFM7 TV 13C 13#22D SKT PLUG 低成本,2.7V.5V,功耗温度开关,SOT23封装TO - 220 Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 SPECIALTY ANALOG CIRCUIT, PDSO5 SUCTION LIFTER 320MMSUCTION LIFTER 320MM; Length:320mm; Load, max:80kg; Size:320; Weight:550g SCREWDRIVER, STEPLESSSCREWDRIVER, STEPLESS; Length:220mm; Length, Handle:120mm; Length, blade:100mm SCRAPER, PAINTERS 2"SCRAPER, PAINTERS 2"; Length:50mm; Material:Spring Steel Cutter, Side Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 65. Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage push-pull. Standard temperature threshold(C) 65.
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
CS8129-D CS8129YTVA5 CS8129/D |
5V750mA Low Dropout LinearRegulator with Lower RESETbar Threshold 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
|
ON Semiconductor
|
QOB220 |
With Visi-Trip Indicator for NQ Panelboard
|
List of Unclassifed Manufacturers
|
MTL5521 |
FREQUENCY TO CURRENT CONVERTER AND TRIP AMPLIFIER
|
ETC[ETC]
|